Part Number Hot Search : 
480515T SST440 ZHCS750 BC1602K1 2SC2706 SST440 UPC554 LF441C
Product Description
Full Text Search
 

To Download MA2Q705 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Schottky Barrier Diodes (SBD)
MA2Q705
Silicon epitaxial planar type
Unit : mm
For high-frequency rectification
4.4 0.3 0 to 0.05
* New Mini-power type package (2-pin) * Allowing to rectify under (IF(AV) = 1.5 A) condition * Low VF (forward voltage) type: VF < 0.37 V (at IF = 1.0 A)
2.5 0.3
I Features
2
1
0.25 - 0.05
I Absolute Maximum Ratings Ta = 25C
Parameter Reverse voltage (DC) Repetitive peak reverse voltage Average forward current Non-repetitive peak forward surge current* Junction temperature Storage temperature Symbol VR VRRM IF(AV) IFSM Tj Tstg Rating 30 30 1.5 30 -40 to +125 -40 to +125 Unit V V A A C C
1.2 0.4 5.0 - 0.1
+ 0.4
1.2 0.4
1 : Anode 2 : Cathode New Mini Power Type Package (2-pin)
Marking Symbol: PK
Note) * : The peak-to-peak value in one cycle of 50 Hz sine-wave (non-repetitive)
I Electrical Characteristics Ta = 25C
Parameter Reverse current (DC) Forward voltage (DC) Terminal capacitance Reverse recovery time*1,2 Symbol IR VF Ct trr VR = 30 V IF = 1.0 A VR = 10 V, f = 1 MHz IF = IR = 100 mA Irr = 0.1 * IR, RL = 100 90 50 Conditions Min Typ Max 3 0.37 Unit mA V pF ns
Note) 1. Schottky barrier diode is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a human body and the leakage of current from the operating equipment. 2. Rated input/output frequency: 20 MHz 3. *1 : Obtained by fixing the element to the printed-circuit board (glass epoxy) *2 : trr measuring circuit
Bias Application Unit N-50BU tr 10% Input Pulse tp t IF trr t Irr = 10 mA IF = 100 mA IR = 100 mA RL = 100 Output Pulse
A
VR Pulse Generator (PG-10N) Rs = 50 W.F.Analyzer (SAS-8130) Ri = 50
90% tp = 2 s tr = 0.35 ns = 0.05
2.15 0.3
+ 0.1
1.4 0.2
1
MA2Q705
IF(AV) Ta
10
A K 2.5 Cu foil
Schottky Barrier Diodes (SBD)
IF V F
1
IR VR
Average forward current IF(AV) (A)
0.8 2.0 20 2.5
1
Ta = 125C
10-1
Forward current IF (A)
Reverse current IR (A)
1.5
10-1
75C 25C - 20C
Ta = 125C 10-2
1.0
10-2
10-3
75C
0.5
10-3
10-4
25C
0
0
50
100
150
10-4
0
0.1
0.2
0.3
0.4
0.5
0.6
10-5
0
10
20
30
40
50
60
Ambient temperature Ta (C)
Forward voltage VF (V)
Reverse voltage VR (V)
Ct VR
600
Terminal capacitance Ct (pF)
500
400
300
200
100
0
0
10
20
30
40
50
60
Reverse voltage VR (V)
2


▲Up To Search▲   

 
Price & Availability of MA2Q705

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X